PART |
Description |
Maker |
MC1650 MC1650L MC1651 ON0954 |
Dual A/D Converter L SUFFIX CERAMIC PACKAGE CASE 620-10 From old datasheet system
|
Motorola, Inc ON Semi
|
MOC213M |
8-Pin SOIC Phototransistor Output Optocoupler; Package: SOIC-W; No of Pins: 8; Container: Box
|
FAIRCHILD SEMICONDUCTOR CORP
|
LNJ208R82RA |
1 MSPS, 12-Bit A/D Converter in MSOP-8 or SOIC-8; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SINGLE COLOR LED, RED, 1.1 mm
|
Panasonic, Corp.
|
5P6M 2P4M 2P5M 2P6M 2P4M-YB-AZ 2P4M-YC-AZ 2P4M-AY- |
2A PLASTIC MOLDED THYRISTOR 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 500 V, SCR PLASTIC PACKAGE-3
|
NEC[NEC] NEC Corp. Ironwood Electronics
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
BYM11-50 BYM11-800 BYM11-600 BYM11-400 BYM11-100 B |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 Surface Mount Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A
|
Vishay Beyschlag
|
AM29L516DC AM29L517DC AM29L517AXC AM29L517/BXC AM2 |
Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21593S with Standard Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Tape Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Standard Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 0.6us Deadtime in a 8-lead SOIC package and different phase; Similar to IR21531S with Lead Free Packaging Hi-Rel DC-DC Standard Dual Converter in a ATR package; A ATR2815D with Standard Packaging Ballast Control, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 14-pin DIP package; A IR2156 with Standard Packaging Hi-Rel DC-DC Standard Triple Converter in a ATR package; A ATR2815T with Standard Packaging Hi-Rel DC-DC Rad-Hard Triple Converter in a ART package; A ART2812T with Standard Packaging 600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin SOIC package.; Similar to IR2520DS with Lead Free Packaging Multiplier 乘数
|
Rochester Electronics, LLC
|
2P1M-YB 2P6M-YB 2P4M-YB 2P2MYC 2P2M-YB 2P2M-CY 2P0 |
4 A, 100 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 200 V, SCR 4 A, 50 V, SCR
|
|
EL512-750 EL512-500 EL512-20 EL512-40 EL512-400 EL |
High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-QFN T&R High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Negative Voltage Hot Plug Controller; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Logic IC InfiniBand 12V Bulk and 5V Auxiliary Power Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC Dual Power Distribution Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC 逻辑IC High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-QFN 逻辑IC
|
Intersil, Corp.
|
2SC3243 |
TO-92MOD PLASTIC-ENCAPSULATE TRANSISTORS - ContinuousShort Circuit Protection ( /P-Suffix) ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
MC14012B MC14012BCP MC14012BD MC14012BDR2 MC14012B |
B-Suffix Series CMOS Gates B-Suffix Series CMOS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NAND GATE, PDSO14
|
ONSEMI[ON Semiconductor]
|
8SOIC |
8 PIN SOIC PACKAGE OUTLINE 8 PIN SOIC PACKAGE OUTLINE
|
SMSC[SMSC Corporation]
|
|